Part Number Hot Search : 
75237 OP133W IA8X44 F0918 87C52 LTC2353 78L12 AT24C16
Product Description
Full Text Search
  window Datasheet PDF File

For window Found Datasheets File :: 10584    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    HAMAMATSU[Hamamatsu Corporation]
Part No. R7639
OCR Text ...Material Minimum Effective Area window Material Dynode Secondary Emitting Surface Structure Number of Stages Direct Interelectrode Capacitances Anode to Last Dynode Anode to All Other Electrodes Base Weight Suitable Socket Description/Value...
Description PHOTOMULTIPLIER TUBE

File Size 46.18K  /  4 Page

View it Online

Download Datasheet





    BH1680FVC-E BH1680FVC-TR

Rohm
Part No. BH1680FVC-E BH1680FVC-TR
OCR Text ...ess 3) suitable for optical window that the visible light transmission is low (high sensitivity type) 4) the influence of infrared is very small by an infrared cut filter 5) supply voltage operates from 2.4v to 5.5v 6) built...
Description Analog Current Output Type Ambient Light Sensor IC

File Size 295.46K  /  9 Page

View it Online

Download Datasheet

    AKD4340-SB

Asahi Kasei Microsystems
Part No. AKD4340-SB
OCR Text ...ated by [SAVE] function on main window can be assigned to buttons and executed. Save the current register setting. Write the saved values to all register. Dialog to write data by mouse operation. Indication of data Input data is indicat...
Description 192kHz sampling 24Bit ツヒ DAC

File Size 332.14K  /  31 Page

View it Online

Download Datasheet

    AKD4342-B

Asahi Kasei Microsystems
Part No. AKD4342-B
OCR Text ...ated by [SAVE] function on main window can be assigned to buttons and executed. Save the current register setting. Write the saved values to all register. Dialog to write data by mouse operation. Indication of data Input data is indicat...
Description 24bit DAC with built-in 2Vrms lineout

File Size 1,241.18K  /  52 Page

View it Online

Download Datasheet

    S2592

Hamamatsu Corporation
Part No. S2592
OCR Text ... Parameter Built-in photodiode window material Active area Package S2592-03 S3477-03 S2592-04 S1336 series Sapphire glass 2.4 x 2.4 TO-8 TO-66 TO-8 5.8 x 5.8 TO-66 S3477-04 Unit mm s Absolute maximum ratings Parameter Symbol Reverse vo...
Description Si photodiode Thermoelectrically cooled photodiode for low-light-level detection in UV to near IR

File Size 128.65K  /  4 Page

View it Online

Download Datasheet

    ICM7213 ICM7213IPD FN3165

INTERSIL[Intersil Corporation]
Part No. ICM7213 ICM7213IPD FN3165
OCR Text ... 0 3 -1 2 OPERATING window 1 -3 2.0 3.0 4.0 5.0 0 10kHz 100kHz 1MHz 10MHz SUPPLY VOLTAGE VDD - VSS (V) FIGURE 7. OSCILLATOR STABILITY AS A FUNCTION OF SUPPLY VOLTAGE FIGURE 8. window OF CORRECT OPERATION Test Circuit...
Description From old datasheet system
One Second/One Minute Timebase Generator

File Size 47.30K  /  6 Page

View it Online

Download Datasheet

    LC66356B LC662312A LC662316A LC66P2516 LC66516B LC66566A LC66508B LC662106A LC662108A LC66406A LC66408A LC66356A LC66251

Sanyo Electric Co., Ltd.
Eutech Microelectronics, Inc.
SANYO[Sanyo Semicon Device]
http://
Part No. LC66356B LC662312A LC662316A LC66P2516 LC66516B LC66566A LC66508B LC662106A LC662108A LC66406A LC66408A LC66356A LC662512A LC662516A LC665316A LC665312A LC662306A LC662308A LC66306A LC665306A LC66E2516 LC66358A LC66358B LC66P5316 LC662104A LC662304A LC662508A LC66304A LC66308A LC66354A LC66354B LC66354C LC66354S LC66356C LC66356S LC66358C LC66358S LC66404A LC66506B LC66512B LC665304A LC665308A LC66556A LC66556B LC66558A LC66558B LC66562A LC66562B LC66566B LC66E2108 LC66E2316 LC66E308 LC66E408 LC66E516 LC66E5316 LC66P2108 LC66P2316 LC66P308 LC66P408 LC66P516 LC662104A/662106A/662108A LC662104AMFP30 LC662108AMFP30 LC662106AMFP30 LC662106ADIP30 LC662104ADIP30 LC662108ADIP30 LC662104AS
OCR Text ...QFP48E QFP64E QFP48E QFC48 with window QFP48E QFC48 with window QFP48E QFC64 with window QFP64E Features Normal versions 4.0 to 6.0 V/0.92 s Low-voltage versions 2.2 to 5.5 V/3.92 s Low-voltage high-speed versions 3.0 to 5.5 V/0.92...
Description Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM
Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM
4-Bit Microcontroller
Microcontroller 微控制器
Four-Bit Single-Chip Microcontrollers with 4/6/and 8
Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers

File Size 103.04K  /  13 Page

View it Online

Download Datasheet

    NTE867

NTE Electronics
Part No. NTE867
OCR Text ... internally connected to form a window comparator. Features: D Input op-amp: high impedance PMOS input transistors and internal reference bias D Low input bias current and internal diode protection at op-amp inputs D High op-amp output volt...
Description Integrated Circuit BiMOS Input Op−Amp

File Size 88.50K  /  4 Page

View it Online

Download Datasheet

    S2386-45K S2386-18K S2386-18L S2386-44K S2386-5K S2386-8K S2386

Hamamatsu Corporation
Part No. S2386-45K S2386-18K S2386-18L S2386-44K S2386-5K S2386-8K S2386
OCR Text ... Type No. Dimensional outline/ window material * /K /L /K /K /K Package (mm) TO-18 TO-5 TO-8 Active area size (mm) 1.1 x 1.1 2.4 x 2.4 3.6 x 3.6 3.9 x 4.6 5.8 x 5.8 Effective active area (mm2) 1.2 5.7 13 17.9 33 30 -40 to +100 -55 to +125 ...
Description Si photodiode For visible to IR, general-purpose photometry

File Size 115.39K  /  4 Page

View it Online

Download Datasheet

    LM319H LT119A LT119AH LT119AJ LT319A LT319AH LT319AJ LT319AN LM119H LT0119A LM119 LM319 LM319J LM119J LM319N

LINER[Linear Technology]
Linear Technology, Corp.
Part No. LM319H LT119A LT119AH LT119AJ LT319A LT319AH LT319AJ LT319AN LM119H LT0119A LM119 LM319 LM319J LM119J LM319N
OCR Text ...ime APPLICATIONS s s s s window Detectors High Speed One Shot Relay/Lamp Drivers Voltage Controlled Oscillators TYPICAL APPLICATION window Detector* 5V VUT OUTPUT VOLTAGE (V) 3 Response Time for Various Input Overdrives 6 5 ...
Description    Dual Comparator
From old datasheet system
Dual Comparator DUAL COMPARATOR, 4000 uV OFFSET-MAX, 80 ns RESPONSE TIME, MBCY10

File Size 237.95K  /  8 Page

View it Online

Download Datasheet

For window Found Datasheets File :: 10584    Search Time::1.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of window

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.6904661655426