Part Number Hot Search : 
HEF4737B LTI202FP P6KE350A M21424 LTI202FP SF1197B 1203S PM913
Product Description
Full Text Search
  configurable Datasheet PDF File

For configurable Found Datasheets File :: 12890    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80

PHILIPS[Philips Semiconductors]
Part No. 80C51X2 P80C51X2 P87C54X2 P87C54X2BA P87C54X2BN P87C54X2FA P80C31X2 P80C31X2BA P80C31X2BN P80C32 P80C32X2 P80C32X2BA P80C32X2BN P80C32X2FA P80C32X2FN P87C52 P87C52X2 P87C52X2BA P87C52X2BN P87C52X2FA P87C52X2FN P87C38X2 P80C52X2 87C58X2 P87C58X2 P87C58X2BA P87C58X2BN P87C58X2FA P87C51X2BA P87C51X2BN 80C52X2 80C31X2 87C54X2 P87C32X2 80C38X2 P80C38X2
OCR Text ...Data RAM Timer 0 Timer 1 Port 3 configurable I/Os Timer 2 Port 2 configurable I/Os Port 1 configurable I/Os Port 0 configurable I/Os Crystal or Resonator Oscillator su01579 2001 Sep 24 6 Philips Semiconductors Pre...
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz

File Size 367.82K  /  57 Page

View it Online

Download Datasheet





    ICS251PMLF ICS251 ICS251M-XX ICS251M-XXLF ICS251M-XXLFT ICS251M-XXT ICS251MI-XX ICS251MI-XXLF ICS251MI-XXLFT ICS251MI-XX

http://
Integrated Device Technology
Part No. ICS251PMLF ICS251 ICS251M-XX ICS251M-XXLF ICS251M-XXLFT ICS251M-XXT ICS251MI-XX ICS251MI-XXLF ICS251MI-XXLFT ICS251MI-XXT ICS251PM ICS251PMI ICS251PMILF
OCR Text ...clock frequencies up to 200 MHz configurable Spread Spectrum Modulation Operating voltage of 3.3 V Replaces multiple crystals and oscillators Controllable output drive levels Advanced, low-power CMOS process Available in RoHS compliant pack...
Description FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER

File Size 151.65K  /  10 Page

View it Online

Download Datasheet

    FT2232L

Future Technology Devices International Ltd.
Part No. FT2232L
OCR Text ...ode and USB Description strings configurable in external EEPROM EEPROM configurable on board via USB Support for USB Suspend and Resume conditions via PWREN#, and SI / WU pins Support for bus powered, self powered, and highpower bus powered...
Description Dual USB UART / FIFO I.C.

File Size 598.54K  /  51 Page

View it Online

Download Datasheet

    FT2232D

Future Technology Devices International Ltd.
Part No. FT2232D
OCR Text ...ode and USB Description strings configurable in external EEPROM. EEPROM configurable on board via USB Support for USB suspend and resume conditions via PWREN#, and SI/WU pins. Support for bus powered, self powered, and highpower bus powered...
Description Dual USB UART/FIFO I.C.

File Size 850.12K  /  56 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX16071
OCR Text ...om. 12-channel/8-channel, flash-configurable system monitors with nonvolatile fault registers max16070/max16071 general description the max16070/max16071 flash-configurable sys - tem monitors supervise multip...
Description (MAX16070 / MAX16071) Flash-configurable System Monitors

File Size 1,822.23K  /  51 Page

View it Online

Download Datasheet

    LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33

NXP Semiconductors
Part No. LPC11A02UK LPC11A04UK LPC11A14FHN33 LPC11A12FBD48 LPC11A14FBD48 LPC11A13FHI33
OCR Text ...l purpose i/o (gpio) pi ns with configurable pull-up/pull-down resistors, repeater mode, and open-drain mode. lpc11axx 32-bit arm cortex-m0 microcontroller; up to 32 kb flash, 8 kb sram, 4 kb eeprom; configurable analog/mixed-signal rev...
Description 16kB flash, 4kB SRAM, WLCSP package
32kB flash, 8kB SRAM, WLCSP package
32kB flash, 8kB SRAM, HVQFN32 package
16kB flash, 4kB SRAM, LQFP48 package
32kB flash, 8kB SRAM, LQFP48 package
24kB flash, 6kB SRAM, HVQFN32 package

File Size 1,819.68K  /  84 Page

View it Online

Download Datasheet

    FT2232C04

Future Technology Devices International Ltd.
Part No. FT2232C04
OCR Text ...ode and USB Description strings configurable in external EEPROM EEPROM configurable on board via USB Support for USB Suspend and Resume conditions via PWREN#, and SI / WU pins Support for bus powered, self powered, and highpower bus powered...
Description Dual USB UART / FIFO I.C.

File Size 643.85K  /  54 Page

View it Online

Download Datasheet

    CY8CLED16-28PVXIT CY8CLED16-48PVXIT CY8CLED16 CY8CLED16-28PVXI CY8CLED16-48LFXI CY8CLED16-48LFXIT CY8CLED16-48PVXI

Cypress Semiconductor
Part No. CY8CLED16-28PVXIT CY8CLED16-48PVXIT CY8CLED16 CY8CLED16-28PVXI CY8CLED16-48LFXI CY8CLED16-48LFXIT CY8CLED16-48PVXI
OCR Text configurable Dimmers Support up to 16 Independent LED Channels 8-32 Bits of Resolution per Channel Dynamic Reconfiguration Enables LED Controller plus other Features; Battery Charging, Motor Control... Visual Embedded Design, PSoC Express...
Description EZ-Color⑩ HB LED Controller
EZ-Color垄芒 HB LED Controller

File Size 676.32K  /  39 Page

View it Online

Download Datasheet

    NXP
Part No. LPC1853JET256 LPC1857FET256 LPC1833JET256 LPC184X
OCR Text ...ash interface (s pifi), a state configurable timer (sct) subsystem, two high-speed usb controllers, ethernet, lcd, an external memory controller, and multiple digital and analog peripherals. 2. features and benefits ? processor core ? ar...
Description (LPC181x/2x/3x/4x/5x) 32-bit ARM Cortex-M3 MCU

File Size 2,730.20K  /  147 Page

View it Online

Download Datasheet

For configurable Found Datasheets File :: 12890    Search Time::2.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of configurable

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58644199371338